PART |
Description |
Maker |
MC74LVXU04-D |
Hex Inverter (Unbuffered)
|
ON Semiconductor
|
25HCU04A |
Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
|
INTEGRAL JOINT STOCK COMPANY
|
MC74VHCT74A06 MC74VHCU04DR2G MC74VHCU04DR2 MC74VHC |
Hex Inverter (Unbuffered) Dual D?Type Flip?Flop with Set and Reset
|
ONSEMI[ON Semiconductor]
|
MC74LCXU04 MC74LCXU04-D |
Low-Voltage CMOS Unbuffered Hex Inverter With 5 V-Tolerant Inputs(5V容限输入的低压CMOS无缓冲六反相
|
ON Semiconductor
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74HC04DR2G 74HC04 74HC04DTR2G 74HC04.REV1 |
74HC04 Data Sheet Hex Inverter High−Performance Silicon−Gate CMOS Hex Inverter; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
M74HC14 M74HC14B1 M74HC14RM13TR M74HC14TTR M74HC14 |
HEX SCHMITT INVERTER HEX SCHMITT INVERTER Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
MC74LCX06MEL MC74LCX06 MC74LCX06D MC74LCX06DG MC74 |
Low-Voltage CMOS Hex Inverter with Open Drain Outputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Low-Voltage CMOS Hex Inverter with Open Drain Outputs and 5V-Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|